PART |
Description |
Maker |
8150 8155 8163 8151 8152 8153 8154 8156 8157 8158 |
T1/CEPT Quad Port T1/E1
|
FILTRAN[Filtran LTD]
|
XF00139-32S-15 |
T1/E1/CEPT QUAD PORT
|
XFMRS Inc.
|
XF0013Q1B |
T1/E1/CEPT QUAD PORT
|
XFMRS Inc.
|
XF0013Q21B |
T1/E1/CEPT QUAD PORT
|
XFMRS Inc.
|
EPR1526S-RC |
T1/E1/ CEPT Quad Port Transformer
|
PCA ELECTRONICS INC.
|
EPA3455S |
T1/E1/ CEPT Quad Port Transformer
|
PCA ELECTRONICS INC.
|
EPR1534S |
T1/E1/ CEPT Quad Port Transformer
|
PCA ELECTRONICS INC.
|
XF00137A-32S12 XF00137A-32S-15 |
UNLESS OTHERWISE SPECIFIED TOLERANCES -0.010 DIMENSIONS IN INCH T1/E1/CEPT QUAD PORT
|
XFMRS Inc.
|
EPR1511S EPR1512S EPR1513S EPR1514S EPR1515S EPR15 |
TELECOM TRANSFORMER T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
|
PCA ELECTRONICS INC.
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|